PART |
Description |
Maker |
AN7815NSP AN7812NSP |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator 3-pin positive output voltage regulatorA type 12 V FIXED POSITIVE REGULATOR, PSSO2
|
Rohm Co., Ltd.
|
AN78N12 AN78N08 AN78N05 AN78N15 AN78N10 AN78N09 AN |
3-pin Positive Output Voltage Regulator (300mA Type) 15 V FIXED POSITIVE REGULATOR, PSFM3 3-pin Positive Output Voltage Regulator 300mA Type
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
AN78M05R AN78M08R AN78M09R |
4-pin positive output voltage regulator with reset pin (1A/500mA type)
|
Panasonic
|
AN8005 AN8005M AN8025 AN8025M AN8003M AN8035M AN80 |
3-pin Positive Output Low Dropout Voltage Regulator 50mA Type Circular Connector; No. of Contacts:22; Series:MS27656; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:13; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:13-8 RoHS Compliant: No 3-pin/ positive output/ low dropout voltage regulator (50 mA type) Series 3-Pin Positive Output Low Dropout Voltage Regulator (50mA
|
PANASONIC[Panasonic Semiconductor] Panasonic Corporation
|
AN7810NSP AN7807NSP AN7809NSP AN7805NSP AN7806NSP |
General-Purpose Linear IC - Voltage Regulater - 3-Pin Regulator 3-pin positive output voltage regulator (1 A type)
|
PANASONIC[Panasonic Semiconductor] panasonicwq Panasonic Corporation
|
UPC14305 UPC14305H UPC14305HA UPC14305HF UPC16305 |
Positive output 3-terminal regulator Negative output 3-terminal regulator Low saturation voltage three-terminal regulator Low-saturation positive voltage regulated power supply circuit with on/off funct Bipolar analog integrated circuit Positive output three-terminal regulator Three-terminal positive adjustable regulator Low saturation positive output stabilization power circuit with ON/OFF function
|
NEC
|
NJM7800 NJM7800DL1A NJM7800DLA NJM7800FA NJM7812A |
FIXED POSITIVE REGULATOR, PSSO2 TO-252, 3 PIN 3-Terminal Positive Voltage Regulator(15V端正电压稳压 3-Terminal Positive Voltage Regulator(12V端正电压稳压
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
78LXX-T92-R 78LXX-T92-B 78LXX-AB3-R 78LXX-S08-R 78 |
3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PSSO3 HALOGEN FREE, SOT-89, 3 PIN 5 V FIXED POSITIVE REGULATOR, PSSO3 SOT-89, 3 PIN 5 V FIXED POSITIVE REGULATOR, PSSO3 LEAD FREE, SOT-89, 3 PIN 15 18 V FIXED POSITIVE REGULATOR, PDSO8 12 V FIXED POSITIVE REGULATOR, PSSO3 9 V FIXED POSITIVE REGULATOR, BCY3 6 V FIXED POSITIVE REGULATOR, BCY3
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
ZR78L04N8 ZR78L028N8 ZR78L057G ZR78L057C ZR78L06G |
Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-21 Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:20-41 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-25 Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:22-41 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 4.85 V FIXED POSITIVE REGULATOR, PDSO4 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 2.85 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 3.3 V FIXED POSITIVE REGULATOR, PBCY3 2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR 8.5 V FIXED POSITIVE REGULATOR, PDSO4
|
Zetex Semiconductor PLC
|